PART |
Description |
Maker |
AS3833-ZSOT AS3833-ZTQT |
6 channel high-precision LED cont rol ler for 3D-LCD backl ight with integrated step-up cont rol ler
|
ams AG
|
BY329X1500 BY329X-1500S BY329X-1500 BY329X-1500S12 |
Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:50mA; Current, It av:8A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes Damper diode fast, high-voltage Damper diode fast/ high-voltage Damper diodes fast, high-voltage - I<sub>FRM</sub>: 16 A; I<sub>O (AV)</sub>: 10 A; V<sub>RRM</sub>: 1500 V; Package: SOD113 (TO-220F); Container: Horizontal, Rail Pack
|
http:// NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BSX32 3338 |
HIGH VOLTAGE HIGH CURRENT SWITCH From old datasheet system HIGH-VOLTAGE, HIGH-CURRENT SWITCH
|
SGS Thomson Microelectronics STMicro
|
ULN2003 ULN2004 |
(ULN2003 / ULN2004) High-Voltage High-Current Darlington Arrays High-Voltage, High - Current Darlington Arrays
|
FCI First Components International
|
MSK600-15 MSK600B |
Ultra Low Quiescent Current - ±15mA for High Voltage WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
|
M.S. Kennedy Corporatio... Anaren Microwave
|
2SD2226K |
High DC current gain. High emitter-base voltage. Low saturation voltage.
|
TY Semiconductor Co., Ltd
|
BC847PN Q62702-C2374 BC847PNQ62702C2374 Q62702-C15 |
PNP Silicon AF Transistors (For general AF applications High collector current High current gain) TRANSISTOR SOT363 NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage) From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
ISOPAC01 ISOPAC0103 ISOPAC0104 ISOPAC0111 ISOPAC01 |
High Current High density Isolated Silicon Power Rectifier(????靛?600V锛?ぇ?垫?锛??瀵?害锛??绂诲?锛??????存??? High Current High density Isolated Silicon Power Rectifier(????靛?1000V锛?ぇ?垫?锛??瀵?害锛??绂诲?纭?????娴??) High-Current Isolated Rectifier Assemblies. 150 V-1000 V. 10 nS - 2 microseconds 大电流隔离整流器大会150 V000五,10纳秒- 2微秒 HIGH CURRENT ISOLATED RECTIFIER ASSEMBLY High Current High density Isolated Silicon Power Rectifier(????靛?1000V锛?ぇ?垫?锛??瀵?害锛??绂诲?锛??????存???
|
International Rectifier, Corp. Semtech Corporation
|
MAX6457 MAX6457UKD-T MAX6458 MAX6458UKD-T MAX6459 |
150 ms, high-voltage, low-current voltage monitor in SOT package " High-Voltage, Low-Current Over Voltage/ Under Voltage Monitor in SOT Package" " High-Voltage, Low-Current Voltage Monitors in SOT Packages" High-Voltage / Low-Current Voltage Monitors in SOT Packages
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
B29150 B29150J B29150S B29150T B29151/2/3J B29151/ |
5V dual 1.5A high current low dropout voltage regulator 1.5A High Current Low Dropout Voltage Regulator Adjustable & Fix Output 1.5A的高电流低压差稳压器可调 1.5A High Current Low Dropout Voltage Regulator Adjustable & Fix Output 12V dual 1.5A high current low dropout voltage regulator Adjustable dual 1.5A high current low dropout voltage regulator
|
List of Unclassifed Manufacturers ETC BayLinear
|
SS10PH10-E3/86A SS10PH10-E3/87A |
High Current Density Surface Mount High-Voltage Schottky Rectifier
|
Vishay Siliconix
|
XC6413 |
High Current, High Speed LDO Regulators, Voltage Detector Function
|
Torex Semiconductor
|